Part Number Hot Search : 
AD9744 TDA8196 AD647JH IW1602 BL6332 C3500 HWS420 L2610
Product Description
Full Text Search
 

To Download SA23-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
Part Number: SA23-11GWA Green
Features
2.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2324 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: JUN/04/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1301000222
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. SA23-11GWA Green (GaP) WHITE DIFFUSED 12000 Typ. 53000 Common Anode, Rt. Hand Decimal Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Per Segment Or (DP) Reverse Current Per Segment Or (DP) Device Green Green Green Green Green Green Typ. 565 568 30 15 8.8 (4.4) 10.0 (5.0) 10 (10) Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=20V (VR=10V)
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Per Segment Or (DP) DC Forward Current Per Segment Or (DP) Peak Forward Current [1] Per Segment Or (DP) Reverse Voltage Per Segment Or (DP) Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Green 250 (125) 25 (25) 140 (140) 20 (10) -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAD2324 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: JUN/04/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1301000222
Green
SA23-11GWA
SPEC NO: DSAD2324 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: JUN/04/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1301000222
SPEC NO: DSAD2324 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: JUN/04/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1301000222
PACKING & LABEL SPECIFICATIONS
SA23-11GWA
SPEC NO: DSAD2324 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: JUN/04/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1301000222


▲Up To Search▲   

 
Price & Availability of SA23-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X